| Moteur de recherche de fiches techniques de composants électroniques |
|
PRVS62HCD Fiches technique(PDF) 1 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
PRVS62HCD Fiches technique(HTML) 1 Page - Vishay Siliconix |
|
1 / 3 page ![]() www.vishay.com 93 PRV6, PARV6 Vishay Sfernice Document Number: 51035 Revision 15-Apr-02 For technical questions, contact sfer@vishay.com FEATURES • PRV6 1.5 Watt at 70°C • PARV6 0.75 Watt at 70°C • CECC 41300 • Military performances • Low cost • Fully sealed and panel sealed • Compatible RV6 (MIL R 94) • High power rating (cermet) • High stability • Mechanical life 50,000 cycles Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6) PRV cermet PRV6 PARV conductive plastic PARV6 Shafts and bushings : 6 - 61 - 62 6LC - 61LC - 62LC Shaft Dia 4 mm : 6Q - 61Q - 61QH 6QLC - 61QLC - 61QLCH Solder lugs PCB pins W option CIRCUIT DIAGRAM Terminal options available on all types DIMENSIONS in millimeters [inches] See ordering information for quotation TAPERS Tapers A - L - F - are measured between the wiper (2) and the ccw terminal (1). Locking shaft H option : 61H - 62H 61LCH - 62LCH Conic nut wrench 8 (3/16”) B Ø 7.2 Ø 2.6 Ø D = M7 x 0.75 Ø d = 4 5 C L B 0.8 Panel cutout Ø 6.35 (1.4”) 32 Threads/inch Ø 3.17 (1/8”) Ø 6.5 (0.256”) Ø 2.5 (0.098”) 12.4 (0.490 ”) A 5 (0.200”) CL B 0.8 (0.031”) 0.8 x 0.3 (0.031” x 0.12”) Ø 12.7 (1/2”) 5.08 (0.200”) 1 2 3 0.8 (0.031”) 1.6 x 0.3 (0.063 x 0.012”) Ø 12.7 (1/2”) 5.08 (0.200”) 1 2 3 a c (1) (3) (2) b CW VARIATION LAWS 90% 50% 20% 10% 15° 15° Electrical travel 270° Mechanical travel 300° Vs Ve % 25° 50° 75° F A L |
Numéro de pièce similaire - PRVS62HCD |
|
Description similaire - PRVS62HCD |