| Moteur de recherche de fiches techniques de composants électroniques |
|
SS210-25 Fiches technique(PDF) 2 Page - Apacer Technology Inc. |
|
|
|||||||||||||||||||||||||||||
SS210-25 Fiches technique(HTML) 2 Page - Apacer Technology Inc. |
|
2 / 4 page ![]() SS210-25 Overview ‧ Built-in Hardware ECC ‧ Global Wear Leveling ‧ Flash Bad-block Management ‧ S.M.A.R.T. ‧ Power Failure Management ‧ ATA Secure Erase ‧ TRIM Apacer SS210-25 is designed for the high levels of performance and reliability. With adoption of SATA 3.0 transmission interface, SS210-25 offers storage capacities from 8GB to 240GB with excellent IOPs. The drive comes with various implementations including Apacer CoreSecurity, global wear leveling, flash block management, S.M.A.R.T., TRIM, and extended temperature support. It is suitable for Embedded, POS, KIOSK and IPC applications to optimize its operating conditions featuring in high- speed, stability and power savings. Feature |