Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W6100 Fiches technique(PDF) 86 Page - WIZnet Co., Ltd

No de pièce W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIZNET [WIZnet Co., Ltd]
Site Internet  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Fiches technique(HTML) 86 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 82Page - WIZnet Co., Ltd W6100 Datasheet HTML 83Page - WIZnet Co., Ltd W6100 Datasheet HTML 84Page - WIZnet Co., Ltd W6100 Datasheet HTML 85Page - WIZnet Co., Ltd W6100 Datasheet HTML 86Page - WIZnet Co., Ltd W6100 Datasheet HTML 87Page - WIZnet Co., Ltd W6100 Datasheet HTML 88Page - WIZnet Co., Ltd W6100 Datasheet HTML 89Page - WIZnet Co., Ltd W6100 Datasheet HTML 90Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
86/149
6.2.1 TCP SERVER
Figure 21 TCP SERVER Operation Flow
 OPEN
Open the SOCKET n as TCP4 or TCP6 mode.
TCP Mode : TCP4, TCP6
{
START :
Sn_MR[3:0] = ‘0001’; /* set TCP4 Mode */
// Sn_MR[3:0] = ‘1001’; /* set TCP6 Mode */
Sn_PORTR[0:1] = {0x13,0x88}; /* set PORT Number, 5000(0x1388) */
Sn_CR[OPEN] = ‘1’; /* set OPEN Command */
while(Sn_CR != 0x00); /* wait until OPEN Command is cleared*/
/* check SOCKET Status */
if(Sn_SR != SOCK_INIT) goto START;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More