| Moteur de recherche de fiches techniques de composants électroniques |
|
PRVS61QLCLHCM Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
PRVS61QLCLHCM Fiches technique(HTML) 2 Page - Vishay Siliconix |
|
2 / 3 page ![]() Document Number: 51035 Revision 15-Apr-02 www.vishay.com 94 PRV6, PARV6 Vishay Sfernice For technical questions, contact sfer@vishay.com AMBIENT TEMPERATURE IN DEGREES CELCIUS 1.50 0.75 0 0 20 40 60 70 80 100 125 PARV6 linear laws/ PRV6 non linear law PRV6 linear law Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6) MECHANICAL SPECIFICATIONS Mechanical Travel 300° ± 5° Operating Torque 0.5 to 2 Ncm or... 0.7 to 3 oz.in. End Stop Torque max 35 Ncm or... 3 lb.in. Tightening Torque max 150 Ncm or... 13 lb.in ENVIRONMENTAL SPECIFICATIONS PRV6 PARV6 Temperature Range – 55°C + 125°C – 40°C + 125°C Climatic Category 55/125/56 40/125/56 Sealing fully sealed container IP67 and panel sealed ELECTRICAL SPECIFICATIONS PRV6 PARV6 Resistive Element cermet conductive plastic Electrical Travel 270° ±15° 270° ± 15° Resistance Range Linear Law (A)... 20 Ω to 10MΩ 1 k Ω to 1MΩ Non Linear Laws (F-L) 470 Ω to 1MΩ 470 Ω to 500 kΩ (± 20%) Tolerance Standard ± 20% ± 10% ± 20 % On Request ± 5 % ± 10 % (1 k Ω to100 kΩ) Power Rating at + 70°C Linear 1.5 W 0.75W Others Tapers 0.75 W 0.4W Temperature Coefficient ± 100ppm/°C ± 1000ppm/°C Limiting Element Voltage 350 V 350 V Contact Resist. Variation CRV 2% or 3 Ω End Resistance (Typical) 1 Ω Dielectric Strength 1750 VRMS (2000 VRMS on request) Insulation Resistance (500VDC) 10 6M Ω POWER RATING CHART CECC 41 300 and/or MIL R 94 Load Life Climatic Sequence Long Term Damp Heat Rapid Temperature Change Vibration Shock Rotational Life 1000 h at rated power 90'/30' - temperature 70°C 56 days ± 10% ± 10% Insulation resist. > 100M Ω ± 0.5% ± 1% Insulation resist. > 10 4M Ω 5 cycles – 55°C at + 125°C 10g 55 to 2000 Hz 2 h each direction 100 g 6 ms 20 shocks ± 2% ± 5% ± 0.1% ± 0.2 % 50.000 cycles ± 10% CRV < 7 % Rn ± 3% CRV < 2% Rn Phase A dry heat 100°C Phase B damp heat Phase C cold –55°C Phase D damp heat 5 cycles ± 1% CRV < 3% Rn ± 10% CRV < 7% Rn ± 0.5% ± 1% ± 10% ± 10% ± 3% ± 0.5% ± 2% no CUT > 0.1 ms ± 5% ± 0.1% ± 0.2 % CONDITIONS TESTS TYPICAL VALUES AND DRIFTS PERFORMANCE (PRV6) REQUIREMENTS ∆RT ∆R1-2 RT (%) R1-2 (%) ∆RT ∆R1-2 RT (%) R1-2 (%) PARV6 non linear law 0.4 |