| Moteur de recherche de fiches techniques de composants électroniques |
|
M1E2G8SPI80-X-R Fiches technique(PDF) 1 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
M1E2G8SPI80-X-R Fiches technique(HTML) 1 Page - Silicom Ltd. |
|
1 / 5 page ![]() Silicom Ltd. Connectivity Solutions Page 1 M1E2G8SPi80 Eight Port SFP Gigabit Ethernet Express Module Server Adapter Product Description Silicom’s Eight Port SFP Gigabit Ethernet ExpressModule Server adapter is PCI-Express X8 Eight SFP Gigabit Ethernet network interface card that can fit into a 3.5” HD form factor. The Silicom Eight Port SFP ExpressModule is the front I/O module in Silicom Server to Network Appliance Converter (SETAC) architecture. Silicom’s Eight Port SFP Gigabit Ethernet ExpressModule Server adapter is designed for Servers and high-end appliances. The performance is optimized so that system I/O is not the bottleneck in high- performance networking applications. Silicom’s Eight Port SFP Gigabit Ethernet ExpressModule server adapters are based on Intel 82580EB Ethernet controller with quad fully integrated Gigabit Ethernet Media Access Control (MAC) and PHY. Silicom’s Eight Port SFP Gigabit Ethernet ExpressModule server adapters are the ideal solution for implementing multiple network segments, mission-critical high-powered networking applications and environments within high performance servers. Key Features SFP Gigabit Ethernet: Gigabit Ethernet Adapters with SFP cage support 1000Base-LX Fiber Gigabit Ethernet with 1000Base-LX SFP transceiver 1000Base-SX Fiber Gigabit Ethernet with 1000Base-SX SFP transceiver 1000Base-T (1000Mbit/s) Copper Gigabit Ethernet with 1000Base-T SFP transceiver Small Form Factor Pluggable (SFP) Cage for SFP LC connectors 2PortLink synchronization Optional SGMII mode (future support) |
Numéro de pièce similaire - M1E2G8SPI80-X-R |
|
Description similaire - M1E2G8SPI80-X-R |