Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M1E2G8SPI35-SX-R Fiches technique(PDF) 2 Page - Silicom Ltd.

No de pièce M1E2G8SPI35-SX-R
Description  Eight Port SFP Gigabit Ethernet Express Module Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8SPI35-SX-R Fiches technique(HTML) 2 Page - Silicom Ltd.

  M1E2G8SPI35-SX-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8SPI35-SX-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8SPI35-SX-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8SPI35-SX-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8SPI35-SX-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Performance Features:
8 Transmit and 8 Receive queues per port.
Up to 8 queues of Receive Side Scaling (RSS) minimize CPU utilization across multiple processor systems.
Support PCI-SIG Single-Root I/O virtualization Rev 1.1.
Support for up to 8 virtual function ( VFs)
Partial replication of PCI Configuration space
Support for 8 pools (single queue) of virtual machine Device Queues (VMDq) per port
Support Direct Cache Access (DCA)
Support Intel I/O Acceleration Technology v3.0
TSO interleaving for reduced latency
Minimized number of device I/O interrupts using MSI and MSI-X
UDP, TCP and IP checksum offload
UDP and TCP transmit segmentation offload (TSO). machine
SCTP receive and transmit checksum offload
Packet interrupt coalescing timers (packet timers) and absolute-delay interrupt timers for both transmit and receive operation
EEE (IEEE 802.3az) for reduced power consumption during low link utilization periods
Common Key features:
PCI Express ExpressModule Electromechanical Specification Revision 1.0
PCI Express Base Specification 2.1 (5 GTs)
High performance, reliability, and low power use in Intel I350 Quad integrated MAC + PHY and SERDES chip Controllers
Ultra deep, packet buffer per channel lowers CPU utilization
Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum
calculations and TCP segmentation
Server class reliability, availability and performance features:
o
Link Aggregation and Load Balancing
Priority queuing
– 802.1p layer 2 priority encoding
Virtual LANs
–802.1q VLAN tagging
Jumbo Frame (9.5KB).
802.x flow control
Multicast/ broadcast Packet replication on receive
Supports Vital Product Data (VPD)
LEDs indicators for link/Activity status
Hot Plug not supported. Can be supported by assembly change



Html Pages

1 2 3 4 5