| Moteur de recherche de fiches techniques de composants électroniques |
|
M1E2G8SPI35-X-R Fiches technique(PDF) 2 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
M1E2G8SPI35-X-R Fiches technique(HTML) 2 Page - Silicom Ltd. |
|
2 / 5 page ![]() Silicom Ltd. Connectivity Solutions Page 2 Performance Features: 8 Transmit and 8 Receive queues per port. Up to 8 queues of Receive Side Scaling (RSS) minimize CPU utilization across multiple processor systems. Support PCI-SIG Single-Root I/O virtualization Rev 1.1. Support for up to 8 virtual function ( VFs) Partial replication of PCI Configuration space Support for 8 pools (single queue) of virtual machine Device Queues (VMDq) per port Support Direct Cache Access (DCA) Support Intel I/O Acceleration Technology v3.0 TSO interleaving for reduced latency Minimized number of device I/O interrupts using MSI and MSI-X UDP, TCP and IP checksum offload UDP and TCP transmit segmentation offload (TSO). machine SCTP receive and transmit checksum offload Packet interrupt coalescing timers (packet timers) and absolute-delay interrupt timers for both transmit and receive operation EEE (IEEE 802.3az) for reduced power consumption during low link utilization periods Common Key features: PCI Express ExpressModule Electromechanical Specification Revision 1.0 PCI Express Base Specification 2.1 (5 GTs) High performance, reliability, and low power use in Intel I350 Quad integrated MAC + PHY and SERDES chip Controllers Ultra deep, packet buffer per channel lowers CPU utilization Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum calculations and TCP segmentation Server class reliability, availability and performance features: o Link Aggregation and Load Balancing Priority queuing – 802.1p layer 2 priority encoding Virtual LANs –802.1q VLAN tagging Jumbo Frame (9.5KB). 802.x flow control Multicast/ broadcast Packet replication on receive Supports Vital Product Data (VPD) LEDs indicators for link/Activity status Hot Plug not supported. Can be supported by assembly change |