Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M1E2G6I6-R Fiches technique(PDF) 5 Page - Silicom Ltd.

No de pièce M1E2G6I6-R
Description  Six Port Copper Gigabit Ethernet ExpressModule Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G6I6-R Fiches technique(HTML) 5 Page - Silicom Ltd.

  M1E2G6I6-R Datasheet HTML 1Page - Silicom Ltd. M1E2G6I6-R Datasheet HTML 2Page - Silicom Ltd. M1E2G6I6-R Datasheet HTML 3Page - Silicom Ltd. M1E2G6I6-R Datasheet HTML 4Page - Silicom Ltd. M1E2G6I6-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Turn on Any Speed
LEDs location:
LEDs are integrated with the RJ-45 connector. Each port has 2 Leds: one in each side: left: link,
right: act
Connectors:
(6) Shielded RJ-45
Order Information
P/N
Description
Notes
M1E2G6I6-R
Six Port Copper Gigabit Ethernet ExpressModule
Server Adapter
X8, Based on Intel 82576, PCI-E ExpressModule
Order information: Model P/N -RoHS
-R: RoHS Compliant / Lead free adapter
1V2



Html Pages

1 2 3 4 5