| Moteur de recherche de fiches techniques de composants électroniques |
|
M1E2G4SPI35-LX-R Fiches technique(PDF) 2 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
M1E2G4SPI35-LX-R Fiches technique(HTML) 2 Page - Silicom Ltd. |
|
2 / 6 page ![]() Silicom Ltd. Connectivity Solutions Page 2 UDP and TCP transmit segmentation offload (TSO). machine SCTP receive and transmit checksum offload Packet interrupt coalescing timers (packet timers) and absolute-delay interrupt timers for both transmit and receive operation EEE (IEEE 802.3az) for reduced power consumption during low link utilization periods SFP Gigabit Ethernet: Gigabit Ethernet Adapters with SFP cage support: 1000Base-LX Fiber Gigabit Ethernet with 1000Base-LX SFP transceiver 1000Base-SX Fiber Gigabit Ethernet with 1000Base-SX SFP transceiver SFP (1000Mb/s) Copper Gigabit Ethernet with SFP transceiver Small Form Factor Pluggable (SFP) Cage for SFP LC connectors 2PortLink synchronization Optional SGMII mode (future support) Common Key features: PCI Express ExpressModule Electromechanical Specification Revision 1.0 Support PCI Express Base Specification 2.1 (5 GTs) High performance, reliability, and low power use in Intel i350 Quad integrated MAC + PHY and SERDES chip Controllers Ultra deep, packet buffer per channel lowers CPU utilization Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum calculations and TCP segmentation Server class reliability, availability and performance features: Link Aggregation and Load Balancing Priority queuing –802.1p layer 2 priority encoding Virtual LANs –802.1q VLAN tagging. Jumbo Frame (9.5KB) 802.x flow control Multicast/ broadcast Packet replication Supports Vital Product Data (VPD) LEDs indicators for link/Activity Mode status. Hot Plug not supported. Can be supported by assembly change |