Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M1E2G4I80-SD-R Fiches technique(PDF) 2 Page - Silicom Ltd.

No de pièce M1E2G4I80-SD-R
Description  Quad Port Copper Gigabit Ethernet Express Module Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4I80-SD-R Fiches technique(HTML) 2 Page - Silicom Ltd.

  M1E2G4I80-SD-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4I80-SD-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4I80-SD-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4I80-SD-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4I80-SD-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
UDP and TCP transmit segmentation offload (TSO).
SCTP receive and transmit checksum offload.
Packet interrupt coalescing timers (packet timers) and absolute- delay interrupt timers for both transmit and receive operation.
Common Key features:
PCI Express ExpressModule Electromechanical Specification Revision 1.0
Support PCI Express Base Specification 2.0 (5 GTs)
High performance, reliability, and low power use in Intel 82580 Quad integrated MAC + PHY and SERDES chip Controllers.
Ultra deep, packet buffer per channel lowers CPU utilization.
Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum
calculations and TCP segmentation
Server class reliability, availability and performance features:
Link Aggregation and Load Balancing
Switch dependent: 802.3ad (LACP), Generic Trunking ( GEC / FEC)
Switch and NIC Independent.
Failover
Priority queuing
– 802.1p layer 2 priority encoding.
Virtual LANs
–802.1q VLAN tagging
Jumbo Frame (9.5KB).
802.x flow control.
Multicast/ broadcast Packet replication
Statistics for SNMP MIB II, Ethernet like MIB, and Ethernet MIB (802.3z, Clause 30)
Supports Vital Product Data (VPD)
LEDs indicators for link/Activity Mode status.
Hot Plug not supported. Can be supported by assembly change
Technical Specifications
Copper Gigabit Ethernet Technical Specifications
– (1000Base-T) Adapters:
IEEE Standard / Network
topology:
Gigabit Ethernet, 1000Base-T
Fast Ethernet, 100Base-TX
Ethernet, 10Base-T
Full duplex / Simplex
Support both Simplex & Full duplex operation in all operating speeds



Html Pages

1 2 3 4 5