Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M1E2G4I35-R Fiches technique(PDF) 5 Page - Silicom Ltd.

No de pièce M1E2G4I35-R
Description  Quad Port Copper Gigabit Ethernet Express Module Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4I35-R Fiches technique(HTML) 5 Page - Silicom Ltd.

  M1E2G4I35-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4I35-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4I35-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4I35-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4I35-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Turns on Yellow 1G Link.
Turns on Green 100M Link
Turn off on 10M link
LEDs location:
LEDs are located on the PCB, visible via holes in the metal bracket. Each Green Link/Act and
Bi-Color SPD LEDs are located above their own RJ45 connector port.
Connectors:
(1) Shielded quad RJ-45
Order Information
P/N
Description
Notes
M1E2G4I35-R
Quad Port Copper Gigabit Ethernet ExpressModule
Server Adapter
X8, Based on Intel i350AM4, PCI-E
ExpressModule, RoHS compliant
Model P/N
-R: RoHS Compliant / Lead free adapter
1V1



Html Pages

1 2 3 4 5