Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M1E2G4BPI80-SD-R Fiches technique(PDF) 7 Page - Silicom Ltd.

No de pièce M1E2G4BPI80-SD-R
Description  Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4BPI80-SD-R Fiches technique(HTML) 7 Page - Silicom Ltd.

  M1E2G4BPI80-SD-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 5Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 6Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
7
Figure 3 : Disconnect Mode Functional Block Diagram
Silicom’s Quad Port Bypass adapter supports software programmable to select Normal, Bypass or Disconnect modes.
Silicom’s Quad Port Bypass adapter supports Disable Bypass, Disable Disconnected capabilities; hence, if those adapters receive
Disable Bypass capability / Disable Disconnect commands, the adapter does not Bypass / does not Disconnect its Ethernet ports,
The Disable Bypass Capabilities are reserved also after power off. This feature enables to emulate a standard NIC.
Silicom’s Quad Port Bypass adapter supports Disable supports setting the default mode at power up and power off. Those setting
are reserved also after power off.
Order Information
P/N
Description
Notes
M1E2G4BPI80-SD-R
Quad Port Copper Gigabit Ethernet ExpressModule
Bypass Server Adapter
X4, Based on Intel 82580EB, PCI-E
ExpressModule, RoHS compliant
Note: Model P/N -SD
-SD: Side Driver
-R: RoHS Compliant / Lead free adapter
1V3



Html Pages

1 2 3 4 5 6 7