Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EXPRESS-SL Fiches technique(PDF) 3 Page - Adlink Technology Inc.

No de pièce EXPRESS-SL
Description  COM Express Basic Size Type 6 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADLINK [Adlink Technology Inc.]
Site Internet  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-SL Fiches technique(HTML) 3 Page - Adlink Technology Inc.

  EXPRESS-SL Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-SL Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-SL Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-SL Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mobile Intel® Xeon®
6th Gen Intel® Core™
i7/i5/i3 Processor
Intel® Celeron®
Processor
(formerly “Skylake-H”)
LM73
Sensor
eDP - LVDS
TPM
Mobile Intel®
QM170/HM170/
CM236
Chipset
LAN
I219
GPIO
GP I2C
SPI 0
BIOS
LPC bus
SODIMM 1
1867/2133 MHz
4-16 GB DDR4
PCIe x16 (Gen3)
2 x8 or 1 x8 + 2 x4
SPI
Debug
header
PCIe x1
HD Audio
4x SATA 6Gb/s
(port 0/1/2/3)
8x USB 2.0
4x USB 3.0 (port 0/1/2/3)
UART0/1
SPI 1
BIOS
DDC I2C
SODIMM 2
1867/2133 MHz
4-16 GB DDR4
2x PCIe x1 (Gen3)
(port 6/7)
SPI_CS#
DDI 1
DP/HDMI/DVI
DDI 2
DP/HDMI/DVI
DDI 3
DP/HDMI/DVI
single/dual
18/24 bit LVDS
6x PCIex1 (Gen3)
(port 0-5)
New
SEMA
BMC
eDP x4 lanes (optional)
XDP
60
SMBus
4x GPO, 4x GPI
SMBus
LPC to
UART
Functional Diagram



Html Pages

1 2 3 4