Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EXPRESS-SL2 Fiches technique(PDF) 3 Page - Adlink Technology Inc.

No de pièce EXPRESS-SL2
Description  COM Express Basic Size Type 2 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADLINK [Adlink Technology Inc.]
Site Internet  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-SL2 Fiches technique(HTML) 3 Page - Adlink Technology Inc.

  EXPRESS-SL2 Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-SL2 Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-SL2 Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-SL2 Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Functional Diagram
Mobile 6th Gen
Intel® Xeon®
Intel® Core™
Intel® Celeron®
Processor
Thermal
Sensor
TPM
2.0
Mobile Intel®
Sky Lake
Chipset
QM170/HM170/
CM236
GPIO
GP I2C
SPI 0
BIOS
LPC bus
PCIe x16 (Gen3)
1 x16, 2 x8,
or 1 x8 + 2 x4
SPI
HD Audio
3x SATA 6Gb/s
(port 0/1/2)
8x USB 2.0
SPI 1
BIOS
DDC I2C
SODIMM 2
1866/2133 MHz
DDR4
SPI_CS#
DDI 1
DP/HDMI/DVI
DDI 2
DP/HDMI/DVI
single/dual
18/24 bit LVDS
6x PCIe x1 (Gen3)
(port 0-5)
New
SEMA
BMC
eDP - LVDS
LAN
i219 LM/V
PCIe x1
SMBus
SMBus
SODIMM 1
1866/2133 MHz
DDR4
eDP x2
eDP x4
VGA
DP-to-VGA
Switch
PEG or
DDI
PEG
or
DDI 1
DDI 2
PCIe-to-PCI
PCI
PCIe
SATA-to-PATA
PATA
SATA
4GPI, 4GPO
1x SATA 6Gb/s (port 3)



Html Pages

1 2 3 4