Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF24AP2-USBQ32-R7 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 2Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 3Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Revision 1.0
Page 6 of 44
nRF24AP2-USB Product Specification
1
Introduction
The nRF24AP2 components belong to Nordic Semiconductor’s low-cost, high-performance family of 2.4
GHz ISM Connectivity-on-Chip devices with the ANT protocol stack embedded. nRF24AP2 offers the
market’s most efficient, single chip, transceiver solution for Ultra Low Power (ULP) networks, through the
integration of the extremely power efficient ANT protocol stack, the world leading Nordic Semiconductor
2.4 GHz RF technology as well as critical low-power oscillator and timing features.
This document covers the product nRF24AP2-USB, which is a single-chip implementation of an ANT USB
bridge.
1.1
Prerequisites
In order to fully understand the product specification, a good knowledge of electronics and software
engineering is necessary. Please also refer to the document ANT Message Protocol and Usage when
reading this product specification. You can download the document from Nordic’s web site
www.nordicsemi.com or from www.thisisant.com.
1.2
Writing conventions
This product specification follows a set of typographic rules to ensure that the document is consistent and
easy to read. The following writing conventions are used:
•
Commands, bit state conditions, and register names are written in Courier New.
•
Pin names and pin signal conditions are written in Courier New bold.
•
Cross references are underlined and highlighted in blue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44