Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB710 Fiches technique(PDF) 84 Page - Advanced Micro Devices

No de pièce SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Fiches technique(HTML) 84 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 80Page - Advanced Micro Devices SB710 Datasheet HTML 81Page - Advanced Micro Devices SB710 Datasheet HTML 82Page - Advanced Micro Devices SB710 Datasheet HTML 83Page - Advanced Micro Devices SB710 Datasheet HTML 84Page - Advanced Micro Devices SB710 Datasheet HTML 85Page - Advanced Micro Devices SB710 Datasheet HTML 86Page - Advanced Micro Devices SB710 Datasheet HTML 87Page - Advanced Micro Devices SB710 Datasheet HTML 88Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
84
Appendix A: Pin Listing
SATA_RX3P
AC14
SATA_TX4P
AE14
SATA_TX4N
AD14
SATA_RX4N
AD15
SATA_RX4P
AE15
SATA_TX5P
AB16
SATA_TX5N
AC16
SATA_RX5N
AE16
SATA_RX5P
AD16
SATA_CAL
V12
SATA_X1
Y12
SATA_X2
AA12
SATA_ACT#/GPIO67
W11
SATA_IS0#/GPIO10
AE18
SMARTVOLT1/SATA_IS2#/
GPIO4
AA19
CLK_REQ0#/SATA_IS3#/
GPIO0
W17
CLK_REQ1#/SATA_IS4#/
FANOUT3/GPIO39
V17
CLK_REQ2#/SATA_IS5#/
FANIN3/GPIO40
W20
CLK_REQ3#/SATA_IS1#/
GPIO6
AD18
HD Audio Interface
AZ_BITCLK
M1
AZ_SDOUT
M2
AZ_SYNC
L6
AZ_RST#
M4
AZ_SDIN0/GPIO42
J7
AZ_SDIN1/GPIO43
J8
AZ_SDIN2/GPIO44
L8
AZ_SDIN3/GPIO46
M3
Real Time Clock
X1
A3
X2
B3
VBAT
B2
RTCCLK
C3
INTRUDER_ALERT#
C2
Clocks
14M_X1
J21
14M_X2
J20
USBCLK/14M_25M_48M_OSC
C8
25M_48M_66M_OSC
L18
PCIE_RCLKP/NB_LNK_CLKP
N25
PCIE_RCLKN/NB_LNK_CLKN
N24
NB_DISP_CLKP
K23
NB_DISP_CLKN
K22
NB_HT_CLKP
M24
NB_HT_CLKN
M25
CPU_HT_CLKP
P17
CPU_HT_CLKN
M18
SLT_GFX_CLKP
M23
SLT_GFX_CLKN
M22
GPP_CLK0P
J19
GPP_CLK0N
J18
GPP_CLK1P
L20
GPP_CLK1N
L19
GPP_CLK2P
M19
GPP_CLK2N
M20
GPP_CLK3P
N22
GPP_CLK3N
P22
Hardware Monitor
FANOUT0/GPIO3
M8
FANOUT1/GPIO48
M5
FANOUT2/GPIO49
M7
CLK_REQ1#/SATA_IS4#/
FANOUT3/GPIO39
V17
FANIN0/GPIO50
P5
FANIN1/GPIO51
P8
FANIN2/GPIO52
R8
CLK_REQ2#/SATA_IS5#/
FANIN3/GPIO40
W20
TEMP_COMM
C6
TEMPIN0/GPIO61
B6
TEMPIN1/GPIO62
A6
TEMPIN2/GPIO63
A5
TEMPIN3/TALERT#/GPIO64
B5
VIN0/GPIO53
A4
VIN1/GPIO54
B4
VIN2/GPIO55
C4
VIN3/GPIO56
D4
VIN4/GPIO57
D5
VIN5/GPIO58
D6
VIN6/GPIO59
A7
VIN7/GPIO60
B7
AVDD
F6
AVSS
G7
SPI ROM Interface
SPI_DI/GPIO12
G6
SPI_DO/GPIO11
D2
SPI_CLK/GPIO47
D1
SPI_HOLD#/GPIO31
F4
SPI_CS1#/GPIO32
F3
SPI_CS2#/IMC_GPIO2
H21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88