Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATTPM20P Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Fiches technique(HTML) 16 Page - Microchip Technology

Back Button ATTPM20P Datasheet HTML 12Page - Microchip Technology ATTPM20P Datasheet HTML 13Page - Microchip Technology ATTPM20P Datasheet HTML 14Page - Microchip Technology ATTPM20P Datasheet HTML 15Page - Microchip Technology ATTPM20P Datasheet HTML 16Page - Microchip Technology ATTPM20P Datasheet HTML 17Page - Microchip Technology ATTPM20P Datasheet HTML 18Page - Microchip Technology ATTPM20P Datasheet HTML 19Page - Microchip Technology ATTPM20P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
7.2
TPM 2.0 Standard Packages
The TCG TPM 2.0 working group has defined an industry standard 32 QFN pinout. For more information
on obtaining this product in a TCG standard package format please contact Microchip Sales.
7.3
Package Marking
As part of Microchip’s overall security features, the part mark for all CryptoAuthentication
™ devices is
intentionally vague. The marking on the top of the package does not provide any information as to the
actual device type or the manufacturer of the device. The alphanumeric code on the package provides
manufacturing information and will vary with assembly lot. The packaging mark should not be used as
part of any incoming inspection procedure.
ATTPM20P
Package Drawings
© 2018 Microchip Technology Inc.
Datasheet Summary
DS40002082A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22