Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EXPRESS-CF Fiches technique(PDF) 3 Page - Adlink Technology Inc.

No de pièce EXPRESS-CF
Description  COM Express Basic Size Type 6 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADLINK [Adlink Technology Inc.]
Site Internet  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-CF Fiches technique(HTML) 3 Page - Adlink Technology Inc.

  EXPRESS-CF Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-CF Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-CF Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-CF Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Functional Diagram
Mobile New Gen
Intel® Xeon®
Intel® Core™
Processor
Thermal
Sensor
TPM
2.0
Mobile Intel®
QM370/HM370/
CM246
Chipset
GPIO
GP I2C
SPI 0
BIOS
LPC bus
PCIe x16 (Gen3)
1 x16, 2 x8, or 1 x8 + 2 x4
SPI
HD Audio
4x SATA 6Gb/s
(port 0/1/2/3)
8x USB 2.0
4x USB 3.1 (port 0/1/2/3)
UART0/1
SPI 1
BIOS
DDC I2C
SODIMM 2
2133/2400 MHz
4-16 GB DDR4
2x PCIe x1 (Gen3)
(port 6/7)
SPI_CS#
DDI 1
DP/HDMI/DVI
DDI 2
DP/HDMI/DVI
DDI 3
DP/HDMI/DVI
single/dual
18/24 bit LVDS
6x PCIex1 (Gen3)
(port 0-5)
New
SEMA
BMC
PCIe x1
eDP - LVDS
LAN
I219 LM/V
No GbE_SDP
XDP
60
SMBus
4x GPO,
4x GPI
SMBus
LPC to
UART
SODIMM 1
2133/2400 MHz
4-16 GB DDR4
SODIMM 3
2133/2400 MHz
4-16 GB DDR4
Supports Intel® Optane™ Technology
& RST on PCIe ports 0-7
SDIO (for
SD card)
MUX
GPIO
SD
eDP x2
eDP x2
AUX
eDP x4
eDP - VGA



Html Pages

1 2 3 4