Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EXPRESS-BD74 Fiches technique(PDF) 1 Page - Adlink Technology Inc.

No de pièce EXPRESS-BD74
Description  COM Express Basic Size Type 7 Module with Intel Xeon D SoC and 4 SODIMMs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADLINK [Adlink Technology Inc.]
Site Internet  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-BD74 Fiches technique(HTML) 1 Page - Adlink Technology Inc.

  EXPRESS-BD74 Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-BD74 Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-BD74 Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-BD74 Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Express-BD74
COM Express Basic Size Type 7 Module with Intel® Xeon® D SoC and 4 SODIMMs
Features
4 SO-DIMMs, up to 128GB dual channel DDR4 at
1866/2133/2400MHz ECC (dependent on SoC SKU)
Intel® Xeon® D SoC (up to 16 cores)
Two 10G Ethernet and NC-SI support
Up to 32 PCIe lanes (24x Gen3, 8x Gen2)
GbE, two SATA 6 Gb/s, four USB 3.0/2.0
Supports Smart Embedded Management Agent (SEMA®)
functions
Extreme Rugged operating temperature: -40°C to +85°C
(build option with selected SoC SKU)
Note: “build option” indicates an alternative BOM configuration to support additional or alternative functions that are not available on the standard product.
Be aware that these “build option” part numbers will need to be newly created and this will result in production lead times.
Specifications
Core System
CPU
Intel® Xeon® D and Pentium® D SoC, 14nm process (formerly”Broadwell-DE”)
Xeon® D1559 1.6/2.1GHz 18MB, 45W (12C) (eTEMP)
Xeon® D1539 1.6/2.2GHz 12MB, 35W (8C) (eTEMP)
Xeon® D1577 1.3/2.1GHz 24MB, 45W (16C)
Xeon® D1548 2.0/2.6GHz 12MB, 45W (8C)
Note: SKUs not listed above and D1577/D1559 may be supported on a project basis. please
contact your ADLINK representative.
Supports: Intel® VT (including VT-x, VT-d, VT-x with Extended Page Tables),
Intel® HT Technology, Intel® SSE4.2, Intel® 64 Architecture, Intel® Turbo
Boost Technology 2.0, Intel® AVX2, Intel® TSX-NI, Intel® Platform Protection
Technology with Intel® TXT, Execute Disable Bit, Intel® Data Protection
Technology with Intel® Secure Key, Intel® AES-NI
Note: Availability of features may vary between processor SKUs.
Memory
Dual channel 1867/2133/2400 MHz DDR4 ECC memory in four SODIMM
sockets (two on top, two on bottom), up to 128GB (dependent on SoC SKU)
Note: Only D1548 supports up to 2400 MHz
Embedded BIOS
AMI EFI with CMOS backup in 16MB SPI BIOS
Cache
24MB for D1577
18MB for D1559
12MB for D1548/D1539
Expansion Busses
PCIe x16 or 2 PCIe x8 or 4 PCIe x4 (Gen3)
8 PCIe lanes (Gen3): AB connector, Lanes 8-15
6 PCIe lanes (Gen2): AB connector, Lanes 0/1/2/3/4/5
Up 2 PCIe lanes (Gen2): CD connector, Lanes 6/7
LPC bus, SMBus (system) , I2C (user)
Note: PCI Express lane 7 support in place of GbE
SEMA Board Controller
Supports: Voltage/current monitoring, power sequence debug support, AT/
ATX mode control, logistics and forensic information, flat panel control,
general purpose I2C, failsafe BIOS (dual BIOS, opt. support), watchdog timer
and fan control
Debug Headers
40-pin multipurpose flat cable connector for use with DB-40 debug module
providing BIOS POST code LED, BMC access, SPI BIOS flashing, power
testpoints, debug LEDs
10G Ethernet
Intel® MAC/Controller
Intel® 10G Ethernet Controller integrated in SoC
10G Interface
2x 10GBASE-KR
10G Sideband Signals
10G_INT
10G_PHY_MDIO/MDC & SDA/SCL
10G_PHY_CAP
10G_PHY_RST
10G_LED_I2C
10G_SFP_I2C
10G_SDP
NC-SI
NC-SI supported on AB connector,
connect to GbE controller
Ethernet
Intel® MAC/PHY: Intel® Ethernet Connection i210
Interface: 10/100/1000 GbE connection
Multi I/O and Storage
USB: 4x USB 3.0/2.0 (USB 0, 1, 2, 3)
SATA: 2x SATA 6Gb/s (SATA0,1)
Serial: 2 UART ports with console redirection
GPIO: 4 GPO and 4 GPI
Super I/O
Supported on carrier if needed (standard support for
W83627DHG-P)


Numéro de pièce similaire - EXPRESS-BD74

FabricantNo de pièceFiches techniqueDescription
logo
Adlink Technology Inc.
EXPRESS-BD7 ADLINK-EXPRESS-BD7 Datasheet
573Kb / 4P
Express Basic Size Type 7 Module with Intel Xeon D and Pentium D SoC
More results

Description similaire - EXPRESS-BD74

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
SOM-5992 ADVANTECH-SOM-5992 Datasheet
1Mb / 2P
Intel Xeon Processor D-1500 COM Express R3.0 Type 7 Module
logo
DFI Inc
KH960-CM238 DFI-KH960-CM238 Datasheet
890Kb / 2P
Intel Xeon/7th Gen Intel CoreTM Processor COM Express Basic
logo
Adlink Technology Inc.
EXPRESS-BD7 ADLINK-EXPRESS-BD7 Datasheet
573Kb / 4P
Express Basic Size Type 7 Module with Intel Xeon D and Pentium D SoC
EXPRESS-BL ADLINK-EXPRESS-BL Datasheet
273Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-DN7 ADLINK-EXPRESS-DN7 Datasheet
479Kb / 5P
COM Express Basic Size Type 7 Module with Intel Atom C3000 SoC
EXPRESS-SL2 ADLINK-EXPRESS-SL2 Datasheet
597Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-SL ADLINK-EXPRESS-SL Datasheet
551Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-KL2 ADLINK-EXPRESS-KL2 Datasheet
599Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-HLE ADLINK-EXPRESS-HLE Datasheet
275Kb / 4P
COM Express Basic Size Type 6 Module
logo
AAEON Technology
COM-ICDB7 AAEON-COM-ICDB7 Datasheet
427Kb / 2P
COM Express Type 7 with Intel® Xeon® D Processors
2023/05/08
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com