Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB334X Fiches technique(PDF) 82 Page - Microchip Technology

No de pièce USB334X
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB334X Fiches technique(HTML) 82 Page - Microchip Technology

Back Button USB334X Datasheet HTML 78Page - Microchip Technology USB334X Datasheet HTML 79Page - Microchip Technology USB334X Datasheet HTML 80Page - Microchip Technology USB334X Datasheet HTML 81Page - Microchip Technology USB334X Datasheet HTML 82Page - Microchip Technology USB334X Datasheet HTML 83Page - Microchip Technology USB334X Datasheet HTML 84Page - Microchip Technology USB334X Datasheet HTML 85Page - Microchip Technology USB334X Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
USB334x
DS00002646A-page 82
2009-2018 Microchip Technology Inc.
9.0
PACKAGE OUTLINE
FIGURE 9-1:
24-Pin Sawn QFN - USB3341 Only
B
A
0.10 C
0.10 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
1
2
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-143B MJ Sheet 1 of 2
2X
24X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
24-Lead Very Thin Plastic Quad Flat, No Lead Package (MJ) – 4x4x0.9 mm Body [VQFN]
D
E
e
2
D2
E2
L
24X b
e
K
A
(A3)
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92