| Moteur de recherche de fiches techniques de composants électroniques |
|
TN2501 Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TN2501 Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 14 page ![]() TN2501 DS20005948A-page 12 2018 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office . Example: a) TN2501N8-G: N-Channel Enhancement- Mode, Vertical DMOS FET, 3-lead SOT-89, 2000/Reel PART NO. Device Device: TN2501 = N-Channel Enhancement-Mode Vertical DMOS FET Package: N8 = 3-lead SOT-89 Environmental: G = Lead (Pb)-free/RoHS-compliant Package Media Type: (blank) = 2000/Reel for an N8 Package XX Package - X - X Environmental Media Type Options |