Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FLLE2-R Fiches technique(PDF) 4 Page - Kemet Corporation

No de pièce FLLE2-R
Description  Single phase EMI Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLE2-R Fiches technique(HTML) 4 Page - Kemet Corporation

  FLLE2-R Datasheet HTML 1Page - Kemet Corporation FLLE2-R Datasheet HTML 2Page - Kemet Corporation FLLE2-R Datasheet HTML 3Page - Kemet Corporation FLLE2-R Datasheet HTML 4Page - Kemet Corporation FLLE2-R Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KEMET EMC Filters
4
FLLE2 – R
Single phase EMI Filter
Single phase EMC Filter
May 2020
Mechanical dimensions
L
W
H
Weight
Fast-on
Threaded
Flexible
(mm)
(mm)
(mm)
(g)
Terminal
Terminal
Wire (mm²)
FLLE2001AR(1)(2)
51
45
28
155
6.3 x 0.8
0.75
FLLE2003AR(1)(2)
51
45
28
155
6.3 x 0.8
0.75
FLLE2006AR(1)(2)
51
45
28
155
6.3 x 0.8
1.5
FLLE2010AR(1)(2)
65
50
40
190
6.3 x 0.8
1.5
FLLE2013AR(1)(2)
65
50
40
200
6.3 x 0.8
1.5
FLLE2016AR(1)(2)
65
50
40
200
6.3 x 0.8
2.5
FLLE2020AR(1)(2)
91
51
45
350
M4 x 0.7
2.5
FLLE2025AR(1)(2)
91
51
45
350
M4 x 0.7
2.5
FLLE2032AR(1)(2)
130.5
56.5
48.5
475
M4 x 0.7
4
(1) D= Standard, M = Medical
(2) B = Fast-on, I = Threaded, D= Wire (Lenght = 140±5 mm)
Part Number



Html Pages

1 2 3 4 5