| Moteur de recherche de fiches techniques de composants électroniques |
|
AD10226/PCB Fiches technique(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD10226/PCB Fiches technique(HTML) 2 Page - Analog Devices |
|
2 / 20 page ![]() REV. 0 –2– AD10226–SPECIFICATIONS ELECTRICAL CHARACTERISTICS1 Test Parameter Temp Level Min Typ Max Unit RESOLUTION 12 Bits DC ACCURACY Differential Nonlinearity 2 Full IV –0.99 ±0.3 +0.99 LSB Integral Nonlinearity 2 Full IV –1.3 ±0.75 +1.3 LSB No Missing Codes Full IV Guaranteed Gain Error 3 25 °CI –9 ±1+9 % FS Output Offset 25 °CI –12 +2 +12 LSB Gain Tempco Full V 100 ppm/ °C Offset Tempco Full V –50 ppm/ °C ANALOG INPUT Input Voltage Range 25 °CV 1.84 V p-p Input Impedance 25 °CV 50 Ω Input VSWR 4 Full V 1.1:1 1.25:1 Ratio Analog Input Bandwidth, High Full IV 300 350 MHz Analog Input Bandwidth, Low Full IV 1 MHz ANALOG REFERENCE Output Voltage 25 °CV 2.5 V Load Current 25 °CV 5 mA Tempco Full V ±80 ppm/ °C SWITCHING PERFORMANCE 5 Maximum Conversion Rate Full VI 125 MSPS Minimum Conversion Rate Full IV 10 MSPS Duty Cycle Full IV 45 50 55 % Aperture Delay (tA)25 °CV 2.1 ns Aperture Uncertainty (Jitter) 25 °CV 0.25 ps rms Output Valid Time (tV) 6 Full IV 3.0 4.5 ns Output Propagation Delay (tPD) 6 Full IV 4.5 6.0 ns Output Rise Time (tR)25 °CV 3.5 ns Output Fall Time (tF)25 °CV 3.3 ns DIGITAL INPUTS ENCODE Input Common-Mode Full IV 3.75 V Differential Input (ENC, ENC) Full IV 500 mV Logic “1” Voltage Full IV 2.0 V Logic “0” Voltage Full IV 0.8 V Input Resistance Full IV 3 6 k Ω Input Capacitance 25 °CV 3 pF DIGITAL OUTPUTS Logic “1” Voltage 6 Full IV 3.1 3.3 V Logic “0” Voltage6 Full IV 0 0.2 V Output Coding Two’s Complement POWER SUPPLY 7 Power Dissipation 8 Full VI 3040 3300 mW Power Supply Rejection Ratio Full IV ±0.5 ±5.0 mV/V Total I (DVDD) Current Full VI 40 60 mA Total I (AVCC) Current Full VI 540 650 mA (VDD = 3.3 V, VCC = 5.0 V; ENCODE = 125 MSPS, unless otherwise noted.) |