| Moteur de recherche de fiches techniques de composants électroniques |
|
PMS152 Fiches technique(PDF) 37 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PMS152 Fiches technique(HTML) 37 Page - PADAUK Technology. |
|
37 / 91 page ![]() PMS152 8bit OTP Type SuLED IO Controller ©Copyright 2020, PADAUK Technology Co. Ltd Page 37 of 91 PDK-DS-PMS152-EN_V105 –Jun. 9, 2020 gpcs.5=1 gpcs.5=0 gpcs.4=0 gpcs.4=1 8R R R R R 16 stages VDD 8R 8R 8R 8R MUX gpcs[3:0] Case 3 : gpcs.5= 1 & gpcs.4= 0 V internal R = (3/5) VDD ~ (1/5) VDD + (1/40) VDD @ gpcs[3:0] = 1111 ~ gpcs[3:0] = 0000 V internal R = * VDD + * VDD, n = gpcs[3:0] in decimal 1 5 (n+1) 40 Fig.7: Vinternal R hardware connection if gpcs.5=1 and gpcs.4=0 gpcs.5=1 gpcs.5=0 gpcs.4=0 gpcs.4=1 8R R R R R 16 stages VDD 8R 8R 8R 8R MUX gpcs[3:0] Case 4 : gpcs.5=1 & gpcs.4=1 V internal R = (1/2) VDD ~ (1/32) VDD @ gpcs[3:0] = 1111 ~ gpcs[3:0] = 0000 V internal R = * VDD, n = gpcs[3:0] in decimal (n+1) 32 Fig.8: Vinternal R hardware connection if gpcs.5=1 and gpcs.4=1 |