Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PMS133 Fiches technique(PDF) 4 Page - PADAUK Technology.

No de pièce PMS133
Description  8bit OTP MCU with 12-bit ADC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PADAUK [PADAUK Technology.]
Site Internet  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS133 Fiches technique(HTML) 4 Page - PADAUK Technology.

  PMS133 Datasheet HTML 1Page - PADAUK Technology. PMS133 Datasheet HTML 2Page - PADAUK Technology. PMS133 Datasheet HTML 3Page - PADAUK Technology. PMS133 Datasheet HTML 4Page - PADAUK Technology. PMS133 Datasheet HTML 5Page - PADAUK Technology. PMS133 Datasheet HTML 6Page - PADAUK Technology. PMS133 Datasheet HTML 7Page - PADAUK Technology. PMS133 Datasheet HTML 8Page - PADAUK Technology. PMS133 Datasheet HTML 9Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 106 page
background image
PMS133/PMS134
8bit OTP MCU with 12-bit ADC
©Copyright 2018, PADAUK Technology Co. Ltd
Page 4 of 106
PDK-DS-PMS133/134-EN_V103 – Nov. 13, 2018
5.4.6.
System Clock Switching ............................................................................................40
5.5.
Comparator ...........................................................................................................................42
5.5.1
Internal reference voltage (Vinternal R)...........................................................................43
5.5.2
Using the comparator ................................................................................................45
5.5.3
Using the comparator and band-gap 1.20V ...............................................................46
5.6
VDD/2 LCD Bias Voltage Generator .....................................................................................46
5.7
16-bit Timer (Timer16) ..........................................................................................................47
5.8
8-bit Timer (Timer2/Timer3) with PWM generation ................................................................49
5.8.1
Using the Timer2 to generate periodical waveform ....................................................51
5.8.2
Using the Timer2 to generate 8-bit PWM waveform...................................................52
5.8.3
Using the Timer2 to generate 6-bit PWM waveform...................................................54
5.9
11-bit PWM Generator ..........................................................................................................55
5.9.1
PWM Waveform ........................................................................................................55
5.9.2
Hardware and Timing Diagram ..................................................................................56
5.9.3
Equations for 11-bit PWM Generator .........................................................................57
5.10
WatchDog Timer ...................................................................................................................57
5.11
Interrupt ................................................................................................................................58
5.12
Power-Save and Power-Down ..............................................................................................60
5.12.1 Power-Save mode (“stopexe”) ...................................................................................61
5.12.2 Power-Down mode (“stopsys”) ..................................................................................61
5.12.3 Wake-up....................................................................................................................62
5.13
IO Pins ..................................................................................................................................63
5.14
Reset and LVR......................................................................................................................64
5.14.1 Reset.........................................................................................................................64
5.14.2 LVR reset ..................................................................................................................64
5.15
Analog-to-Digital Conversion (ADC) module .........................................................................64
5.15.1 The input requirement for AD conversion ..................................................................65
5.15.2 Select the reference high voltage ..............................................................................66
5.15.3 ADC clock selection...................................................................................................66
5.15.4 Configure the analog pins..........................................................................................66
5.15.5 Using the ADC...........................................................................................................67
5.16
Multiplier ...............................................................................................................................68
6. IO Registers ........................................................................................................................ 69
6.1.
ACC Status Flag Register (flag), IO address = 0x00 .............................................................69
6.2.
Stack Pointer Register (sp), IO address = 0x02 ....................................................................69
6.3.
Clock Mode Register (clkmd), IO address = 0x03 .................................................................69
6.4.
Interrupt Enable Register (inten), IO address = 0x04 ............................................................70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More