Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMUX13 Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 17Page - Texas Instruments TMUX13 Datasheet HTML 18Page - Texas Instruments TMUX13 Datasheet HTML 19Page - Texas Instruments TMUX13 Datasheet HTML 20Page - Texas Instruments TMUX13 Datasheet HTML 21Page - Texas Instruments TMUX13 Datasheet HTML 22Page - Texas Instruments TMUX13 Datasheet HTML 23Page - Texas Instruments TMUX13 Datasheet HTML 24Page - Texas Instruments TMUX13 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
8.1.11 Injection Current Control
Injection current is measured at the change in output of the enabled signal path when an current is injected into
a disabled signal path. Figure 8-11 shows the setup used to measure Injection current control.
VS
IINJ
RS
VDD
S0
S1
S2
S3
S4
S5
S6
S7
VOUT
VOUT = VINPUT_1 ± ûVOUT
D
EN
A0 A1 A2
Any OFF input
VINPUT_2 < GND or
VINPUT_2 > VDD
VINPUT_2
VINPUT_1
Figure 8-11. Injection current Measurement Setup
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42