Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST26VF064BEUI Fiches technique(PDF) 34 Page - Microchip Technology

No de pièce SST26VF064BEUI
Description  64 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48??and EUI-64??Identifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064BEUI Fiches technique(HTML) 34 Page - Microchip Technology

Back Button SST26VF064BEUI Datasheet HTML 30Page - Microchip Technology SST26VF064BEUI Datasheet HTML 31Page - Microchip Technology SST26VF064BEUI Datasheet HTML 32Page - Microchip Technology SST26VF064BEUI Datasheet HTML 33Page - Microchip Technology SST26VF064BEUI Datasheet HTML 34Page - Microchip Technology SST26VF064BEUI Datasheet HTML 35Page - Microchip Technology SST26VF064BEUI Datasheet HTML 36Page - Microchip Technology SST26VF064BEUI Datasheet HTML 37Page - Microchip Technology SST26VF064BEUI Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
 2015-2018 Microchip Technology Inc.
DS20006138A-page 34
SST26VF064BEUI
5.32
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction sets the Write-
Enable-Latch bit in the Status register to ‘0,’ preventing
Write operations. The WRDI instruction is ignored
during any internal write operations. Any Write opera-
tion started before executing WRDI will complete. Drive
CE# high before executing WRDI.
To execute a Write-Disable, the host drives CE# low,
sends the Write Disable command cycle (04H), then
drives CE# high. See Figures 5-34 and 5-35.
FIGURE 5-34:
WRITE-DISABLE (WRDI) SEQUENCE (SQI)
FIGURE 5-35:
WRITE-DISABLE (WRDI) SEQUENCE (SPI)
25119 F33.1
MODE 3
0
1
SCK
SIO(3:0)
CE#
04
MODE 0
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
25119 F19.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81