| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC271 Fiches technique(PDF) 61 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC271 Fiches technique(HTML) 61 Page - Texas Instruments |
|
61 / 84 page ![]() TLC271, TLC271A, TLC271B LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001 61 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION output characteristics (continued) All operating characteristics of the TLC271 were measured using a 20-pF load. The devices drive higher capacitive loads; however, as output load capacitance increases, the resulting response pole occurs at lower frequencies, thereby causing ringing, peaking, or even oscillation (see Figures 110, 111, and 112). In many cases, adding some compensation in the form of a series resistor in the feedback loop alleviates the problem. (a) CL = 20 pF, RL = NO LOAD (b) CL = 130 pF, RL = NO LOAD (c) CL = 150 pF, RL = NO LOAD Figure 110. Effect of Capacitive Loads in High-Bias Mode (c) CL = 190 pF, RL = NO LOAD (b) CL = 170 pF, RL = NO LOAD (a) CL = 20 pF, RL = NO LOAD Figure 111. Effect of Capacitive Loads in Medium-Bias Mode (a) CL = 20 pF, RL = NO LOAD (b) CL = 260 pF, RL = NO LOAD (c) CL = 310 pF, RL = NO LOAD Figure 112. Effect of Capacitive Loads in Low-Bias Mode |