| Moteur de recherche de fiches techniques de composants électroniques |
|
TL072ID Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072ID Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 69 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Aug-2020 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL072CPSRE4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T072 TL072CPSRG4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T072 TL072CPWR ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T072 TL072CPWRE4 ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T072 TL072CPWRG4 ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T072 TL072ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL072I TL072IDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL072I TL072IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL072I TL072IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL072I TL072IDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL072I TL072IDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL072I TL072IP ACTIVE PDIP P 8 50 Pb-Free (RoHS) NIPDAU N / A for Pkg Type -40 to 85 TL072IP TL072IPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) NIPDAU N / A for Pkg Type -40 to 85 TL072IP TL072MFKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 81023052A TL072MFKB TL072MJG ACTIVE CDIP JG 8 1 TBD SNPB N / A for Pkg Type -55 to 125 TL072MJG TL072MJGB ACTIVE CDIP JG 8 1 TBD SNPB N / A for Pkg Type -55 to 125 8102305PA TL072M TL072MUB ACTIVE CFP U 10 1 TBD Call TI N / A for Pkg Type -55 to 125 8102305HA TL072M TL074ACD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074AC |