| Moteur de recherche de fiches techniques de composants électroniques |
|
TL072CDR Fiches technique(PDF) 41 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CDR Fiches technique(HTML) 41 Page - Texas Instruments |
|
41 / 69 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Aug-2020 Addendum-Page 6 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL074CDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU | SN Level-1-260C-UNLIM 0 to 70 TL074C TL074CDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074C TL074CN ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL074CN TL074CNE4 ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL074CN TL074CNSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074 TL074CNSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074 TL074CPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T074 TL074CPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T074 TL074CPWRE4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T074 TL074CPWRG4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T074 TL074ID ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IDE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IDG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IDRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IN ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type -40 to 85 TL074IN TL074MFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 TL074MFK |