| Moteur de recherche de fiches techniques de composants électroniques |
|
TL062CPWRG4 Fiches technique(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL062CPWRG4 Fiches technique(HTML) 26 Page - Texas Instruments |
|
26 / 52 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Aug-2020 Addendum-Page 5 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL064CDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL064C TL064CDRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL064C TL064CN ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL064CN TL064CNSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL064 TL064CPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T064 TL064CPWE4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T064 TL064CPWG4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T064 TL064CPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T064 TL064ID ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL064I TL064IDG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL064I TL064IDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU | SN Level-1-260C-UNLIM -40 to 85 TL064I TL064IDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL064I TL064IN ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type -40 to 85 TL064IN TL064INE4 ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type -40 to 85 TL064IN TL064INS ACTIVE SO NS 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL064I TL064INSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL064I TL064IPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 Z064 TL064MFKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 81023032A |