Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL072ACD Fiches technique(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL072ACD
Description  TL07xx Low-Noise JFET-Input Operational Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL072ACD Fiches technique(HTML) 45 Page - Texas Instruments

Back Button TL072ACD Datasheet HTML 41Page - Texas Instruments TL072ACD Datasheet HTML 42Page - Texas Instruments TL072ACD Datasheet HTML 43Page - Texas Instruments TL072ACD Datasheet HTML 44Page - Texas Instruments TL072ACD Datasheet HTML 45Page - Texas Instruments TL072ACD Datasheet HTML 46Page - Texas Instruments TL072ACD Datasheet HTML 47Page - Texas Instruments TL072ACD Datasheet HTML 48Page - Texas Instruments TL072ACD Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL074IDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL071ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL071BCDR
SOIC
D
8
2500
340.5
338.1
20.6
TL071CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL071CDR
SOIC
D
8
2500
367.0
367.0
35.0
TL071IDR
SOIC
D
8
2500
340.5
338.1
20.6
TL072ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL072BCDR
SOIC
D
8
2500
340.5
338.1
20.6
TL072CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL072CDR
SOIC
D
8
2500
367.0
367.0
35.0
TL072CPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
TL072IDR
SOIC
D
8
2500
367.0
367.0
35.0
TL072IDR
SOIC
D
8
2500
340.5
338.1
20.6
TL074ACDR
SOIC
D
14
2500
333.2
345.9
28.6
TL074ACNSR
SO
NS
14
2000
367.0
367.0
38.0
TL074BCDR
SOIC
D
14
2500
333.2
345.9
28.6
TL074CDR
SOIC
D
14
2500
333.2
345.9
28.6
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Dec-2019
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69