| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC27L2ACPS Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27L2ACPS Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 48 page ![]() www.ti.com PACKAGE OUTLINE C .228-.244 TYP [5.80-6.19] .069 MAX [1.75] 6X .050 [1.27] 8X .012-.020 [0.31-0.51] 2X .150 [3.81] .005-.010 TYP [0.13-0.25] 0 - 8 .004-.010 [0.11-0.25] .010 [0.25] .016-.050 [0.41-1.27] 4X (0 -15 ) A .189-.197 [4.81-5.00] NOTE 3 B .150-.157 [3.81-3.98] NOTE 4 4X (0 -15 ) (.041) [1.04] SOIC - 1.75 mm max height D0008A SMALL OUTLINE INTEGRATED CIRCUIT 4214825/C 02/2019 NOTES: 1. Linear dimensions are in inches [millimeters]. Dimensions in parenthesis are for reference only. Controlling dimensions are in inches. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed .006 [0.15] per side. 4. This dimension does not include interlead flash. 5. Reference JEDEC registration MS-012, variation AA. 1 8 .010 [0.25] C A B 5 4 PIN 1 ID AREA SEATING PLANE .004 [0.1] C SEE DETAIL A DETAIL A TYPICAL SCALE 2.800 |