| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC27L2ACDR Fiches technique(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27L2ACDR Fiches technique(HTML) 24 Page - Texas Instruments |
|
24 / 48 page ![]() TLC27L2, TLC27L2A, TLC27L2B, TLC27L7 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005 24 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Phase Shift AVD VDD = 10 V RL = 1 MΩ TA = 25°C 180 ° 0 ° 30 ° 60 ° 90 ° 120 ° 150 ° 100 k 10 k 1 k 100 10 1 M f − Frequency − Hz 1 10 7 LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE SHIFT vs FREQUENCY 10 6 0.1 1 10 5 10 4 10 3 10 2 10 1 Figure 33 Figure 34 0 VDD − Supply Voltage − V 42 ° 16 30 ° 2 4 6 8 10 12 14 32 ° 34 ° 36 ° 38 ° 40 ° See Figure 3 VI = 10 mV TA = 25°C CL = 20 pF PHASE MARGIN vs SUPPLY VOLTAGE Figure 35 See Figure 3 VI = 10 mV CL = 20 pF VDD = 5 mV −75 TA − Free-Air Temperature − °C 40 ° 125 20 ° −50 −25 0 25 50 75 100 24 ° 28 ° 32 ° 36 ° PHASE MARGIN vs FREE-AIR TEMPERATURE † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |