| Moteur de recherche de fiches techniques de composants électroniques |
|
TL062ACDR Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL062ACDR Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 52 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Aug-2020 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL061IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL061I TL061IDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL061I TL061IP ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type -40 to 85 TL061IP TL061IPE4 ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type -40 to 85 TL061IP TL062ACD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 062AC TL062ACDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 062AC TL062ACDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 062AC TL062ACDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 062AC TL062ACDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 062AC TL062ACP ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL062ACP TL062ACPSR ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T062A TL062ACPSRG4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T062A TL062BCD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 062BC TL062BCDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 062BC TL062BCDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 062BC TL062BCP ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL062BCP TL062BCPE4 ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL062BCP |