| Moteur de recherche de fiches techniques de composants électroniques |
|
TL062ACD Fiches technique(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL062ACD Fiches technique(HTML) 24 Page - Texas Instruments |
|
24 / 52 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Aug-2020 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL062CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL062C TL062CDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL062C TL062CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL062C TL062CDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL062C TL062CDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL062C TL062CP ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL062CP TL062CPE4 ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL062CP TL062CPS OBSOLETE SO PS 8 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T062 TL062CPSR ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T062 TL062CPW ACTIVE TSSOP PW 8 150 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T062 TL062CPWG4 ACTIVE TSSOP PW 8 150 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T062 TL062CPWR ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T062 TL062CPWRG4 ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T062 TL062ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL062I TL062IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL062I TL062IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL062I TL062IDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 TL062I |