Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6V76UT-EST Fiches technique(PDF) 32 Page - Microchip Technology

No de pièce MCP6V76UT-EST
Description  170 關A, 2 MHz Zero-Drift Op Amps
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V76UT-EST Fiches technique(HTML) 32 Page - Microchip Technology

Back Button MCP6V76UT-EST Datasheet HTML 28Page - Microchip Technology MCP6V76UT-EST Datasheet HTML 29Page - Microchip Technology MCP6V76UT-EST Datasheet HTML 30Page - Microchip Technology MCP6V76UT-EST Datasheet HTML 31Page - Microchip Technology MCP6V76UT-EST Datasheet HTML 32Page - Microchip Technology MCP6V76UT-EST Datasheet HTML 33Page - Microchip Technology MCP6V76UT-EST Datasheet HTML 34Page - Microchip Technology MCP6V76UT-EST Datasheet HTML 35Page - Microchip Technology MCP6V76UT-EST Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
MCP6V76/6U/7/9
DS20006323B-page 32
 2020 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
5-Lead Plastic Small Outline Transistor (OT) [SOT23]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing No. C04-2091-OT Rev F
Dimension Limits
Contact Pad Length (X5)
Overall Width
Distance Between Pads
Contact Pad Width (X5)
Contact Pitch
Contact Pad Spacing
3.90
1.10
G
Z
Y
1.70
0.60
MAX
MIN
C
X
E
Units
NOM
0.95 BSC
2.80
MILLIMETERS
Distance Between Pads
GX
0.35
1
5
X
Y
Z
C
E
GX
G
2
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48