| Moteur de recherche de fiches techniques de composants électroniques |
|
MBR2045DC-R Fiches technique(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
|
|||||||||||||||||||||||||||||
MBR2045DC-R Fiches technique(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
2 / 4 page ![]() MBR2045CS MBR2045DC MBR2045DC MBR2045FCT MBR2045CT MBR2045CT-FCT-DC-CS 2 / 4 www.yfwdiode.com Dongguan YFW Electronics Co, Ltd. RATINGS AND CHARACTERISTIC CURVES Marking on the body Ordering information Part Number Package Unit Weight Base Quantity Delivery mode TO-220AB 0.07oz(1.96g) 50 pcs / tube 1000pcs/box 5000pcs/carton TO-220F 0.06oz(1.74g) 50 pcs / tube 1000pcs/box 5000pcs/carton TO-263 0.04oz(1.16g) 50 pcs / tube 1000pcs/box 5000pcs/carton -R O-263 0.04oz(1.16g) 800 pcs / reel 800pcs/box4000pcs/carton TO-252 0.011oz(0.32g) 2500 pcs / reel 2500pcs/box 12500pcs/carton Note: For Halogen Free molding compound, add "H" suffix to part number above. 8.3ms Single Half Sine Wave JEDEC Method TA=125℃ TA=25℃ TA=25℃ TA=125℃ |