Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HCS166DR Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HCS166DR
Description  SN74HCS166 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS166DR Fiches technique(HTML) 21 Page - Texas Instruments

Back Button SN74HCS166DR Datasheet HTML 17Page - Texas Instruments SN74HCS166DR Datasheet HTML 18Page - Texas Instruments SN74HCS166DR Datasheet HTML 19Page - Texas Instruments SN74HCS166DR Datasheet HTML 20Page - Texas Instruments SN74HCS166DR Datasheet HTML 21Page - Texas Instruments SN74HCS166DR Datasheet HTML 22Page - Texas Instruments SN74HCS166DR Datasheet HTML 23Page - Texas Instruments SN74HCS166DR Datasheet HTML 24Page - Texas Instruments SN74HCS166DR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74HCS166PWR
TSSOP
PW
16
2000
330.0
16.4
6.8
5.4
1.6
8.0
16.0
Q1
SN74HCS166PWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Sep-2020
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26