Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM8P1843 Fiches technique(PDF) 9 Page - Alliance Semiconductor Corporation

No de pièce ASM8P1843
Description  Voltage Mode PWM Controller with EMI Reduction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM8P1843 Fiches technique(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button ASM8P1843 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM8P1843 Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ASM8P18S42 / ASM8P18S42ER
ASM8P1843 / ASM8P18S43ER
June 2005
ASM8P18S44ER / ASM8P18S45ER
rev 0.6
Voltage Mode PWM Controller with EMI Reduction
9 of 11
Notice: The information in this document is subject to change without notice.
8-lead PDIP Package
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.210
5.33
A1
0.015
0.38
A2
0.115
0.195
2.92
4.95
b
0.014
0.022
0.36
0.56
b2
0.045
0.070
1.14
1.78
C
0.008
0.014
0.20
0.36
D
0.355
0.400
9.02
10.16
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.10 BSC
2.54 BSC
eB
0.430
10.92
L
0.115
0.150
2.92
3.81



Html Pages

1 2 3 4 5 6 7 8 9 10 11