| Moteur de recherche de fiches techniques de composants électroniques |
|
ASM5P2308A Fiches technique(PDF) 13 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM5P2308A Fiches technique(HTML) 13 Page - Alliance Semiconductor Corporation |
|
13 / 18 page ![]() September 2005 ASM5P2308A rev 1.4 3.3V Zero Delay Buffer 13 of 18 Notice: The information in this document is subject to change without notice. Ordering Codes Ordering Code Marking Package Type Operating Range ASM5P2308A-1-16-ST 5P2308A-1 16-pin 150-mil SOIC-TUBE Commercial ASM5I2308A-1-16-ST 5I2308A-1 16-pin 150-mil SOIC- TUBE Industrial ASM5P2308A-1-16-SR 5P2308A-1 16-pin 150-mil SOIC-TAPE & REEL Commercial ASM5I2308A-1-16-SR 5I2308A-1 16-pin 150-mil SOIC-TAPE & REEL Industrial ASM5P2308A-1-16-TT 5P2308A-1 16-pin 4.4-mm TSSOP - TUBE Commercial ASM5I2308A-1-16-TT 5I2308A-1 16-pin 4.4-mm TSSOP - TUBE Industrial ASM5P2308A-1-16-TR 5P2308A-1 16-pin 4.4-mm TSSOP - TAPE & REEL Commercial ASM5I2308A-1-16-TR 5I2308A-1 16-pin 4.4-mm TSSOP - TAPE & REEL Industrial ASM5P2308A-1H-16-ST 5P2308A-1H 16-pin 150-mil SOIC-TUBE Commercial ASM5I2308A-1H-16-ST 5I2308A-1H 16-pin 150-mil SOIC- TUBE Industrial ASM5P2308A-1H-16-SR 5P2308A-1H 16-pin 150-mil SOIC-TAPE & REEL Commercial ASM5I2308A-1H-16-SR 5I2308A-1H 16-pin 150-mil SOIC-TAPE & REEL Industrial ASM5P2308A-1H-16-TT 5P2308A-1H 16-pin 4.4-mm TSSOP - TUBE Commercial ASM5I2308A-1H-16-TT 5I2308A-1H 16-pin 4.4-mm TSSOP - TUBE Industrial ASM5P2308A-1H-16-TR 5P2308A-1H 16-pin 4.4-mm TSSOP - TAPE & REEL Commercial ASM5I2308A-1H-16-TR 5I2308A-1H 16-pin 4.4-mm TSSOP - TAPE & REEL Industrial ASM5P2308A-2-16-ST 5P2308A-2 16-pin 150-mil SOIC-TUBE Commercial ASM5I2308A-2-16-ST 5I2308A-2 16-pin 150-mil SOIC- TUBE Industrial ASM5P2308A-2-16-SR 5P2308A-2 16-pin 150-mil SOIC-TAPE & REEL Commercial ASM5I2308A-2-16-SR 5I2308A-2 16-pin 150-mil SOIC-TAPE & REEL Industrial ASM5P2308A-2-16-TT 5P2308A-2 16-pin 4.4-mm TSSOP - TUBE Commercial ASM5I2308A-2-16-TT 5I2308A-2 16-pin 4.4-mm TSSOP - TUBE Industrial ASM5P2308A-2-16-TR 5P2308A-2 16-pin 4.4-mm TSSOP - TAPE & REEL Commercial ASM5I2308A-2-16-TR 5I2308A-2 16-pin 4.4-mm TSSOP - TAPE & REEL Industrial ASM5P2308A-3-16-ST 5P2308A-3 16-pin 150-mil SOIC-TUBE Commercial ASM5I2308A-3-16-ST 5I2308A-3 16-pin 150-mil SOIC- TUBE Industrial ASM5P2308A-3-16-SR 5P2308A-3 16-pin 150-mil SOIC-TAPE & REEL Commercial ASM5I2308A-3-16-SR 5I2308A-3 16-pin 150-mil SOIC-TAPE & REEL Industrial ASM5P2308A-3-16-TT 5P2308A-3 16-pin 4.4-mm TSSOP - TUBE Commercial ASM5I2308A-3-16-TT 5I2308A-3 16-pin 4.4-mm TSSOP - TUBE Industrial ASM5P2308A-3-16-TR 5P2308A-3 16-pin 4.4-mm TSSOP - TAPE & REEL Commercial ASM5I2308A-3-16-TR 5I2308A-3 16-pin 4.4-mm TSSOP - TAPE & REEL Industrial ASM5P2308A-4-16-ST 5P2308A-4 16-pin 150-mil SOIC-TUBE Commercial ASM5I2308A-4-16-ST 5I2308A-4 16-pin 150-mil SOIC- TUBE Industrial ASM5P2308A-4-16-SR 5P2308A-4 16-pin 150-mil SOIC-TAPE & REEL Commercial |