| Moteur de recherche de fiches techniques de composants électroniques |
|
COM-4PDHN-USB Fiches technique(PDF) 4 Page - Contec Co., Ltd |
|
|
|||||||||||||||||||||||||||||
COM-4PDHN-USB Fiches technique(HTML) 4 Page - Contec Co., Ltd |
|
4 / 4 page ![]() Ver.1.02 COM-4PDHN-USB 4 - First, connect 12 - 24VDC power supply to the product. Next, connect the USB cable to the PC. Do not power on or off when using the product. When removing, first remove the USB cable, and then disconnect 12 - 24VDC power supply. - When the USB module is not used, leave the AC adapter unplugged. - Continuously using the AC adapter heated affects its life. - Use the AC adapter not in a closed place but in a well-ventilated place not to be heated. - Do not remove the 3-pin power connector attached to the AC adapter. Connection Method Interface Connector Use the interface connectors of the product to connect with external devices. Connector Pin Assignment To connect the product directly to the external devices, make your own cable and connect it to the external device using the provided 5-pin RS422A/485 connector. Pin Assignment Signal name Meaning TxD+ Transmission data (+) TxD- Transmission data (-) RxD+ Reception data (+) RxD- Reception data (-) SG Signal ground Types of Cable and Example Connections The figures below show examples of how to connect the cable for the product. The RS-422A/485 interface works based on a differential signal whereby the signal is carried by the potential difference between two lines (+ and -). Using twisted pair cable is recommended to improve resistance to noise. Example Connection Oneself loop to RTS and CTS in Full Duplex Example Connection in Half Duplex POA-201-10-2 Power input connector COM-4PDHN-USB USB I/O Terminal Isolated R S-422A/485 4ch I/O Unit V+ V - CAUTION CH4 CH3 CH2 CH1 - Connector used MC 1,5/5-G-3,5 equivalent [PHOENIX CONTACT] - Applicable connectors MC 1,5/5-ST-3,5 equivalent [PHOENIX CONTACT] - Applicable wire AWG28-16 TxD+ TxD- RxD+ RxD- SG External device RxD TxD TxD+ RxD+ SG RxD TxD TxD+ RxD+ SG External device TxD TxD+ SG TxD TxD+ SG |