| Moteur de recherche de fiches techniques de composants électroniques |
|
GHB-0805DU-R2 Fiches technique(PDF) 1 Page - Gilway Technical Lamp |
|
|
|||||||||||||||||||||||||||||
GHB-0805DU-R2 Fiches technique(HTML) 1 Page - Gilway Technical Lamp |
|
1 / 4 page ![]() 55 Commerce Way Woburn, MA 01801 (781) 935 - 4442 (781) 938 - 5867 www.gilway.com Description These chip-type LEDs utilize Alu- minum Indium Gallium Phosphide (AlInGaP) material technology. The AlInGaP material has a very high luminous efficiency, capable of producing high light output over a wide range of drive currents. The available colors in this surface mount series are 592 nm Amber, 605 nm Orange, 626 nm Red for AS AlInGaP and 631 nm red for TS AlInGaP. GHB-0805DU-Y GHB-0805DU-O GHB-0805DU-R GHB-0805DU-R2 2.0 (0.079Ê) 0.3 (0.012) 0.3 (0.012) 0.4 ± 0.15 (0.016 ± 0.006) POLARITY CATHODE MARK 0.8 (0.031) 0.4 ± 0.15 (0.016 ± 0.006) 1.4 (0.055) 0.62 (0.024) LED DIE DIFFUSED EPOXY PC BOARD SOLDERING TERMINAL 1.25 (0.049) CATHODE LINE |
Numéro de pièce similaire - GHB-0805DU-R2 |
|
Description similaire - GHB-0805DU-R2 |