| Moteur de recherche de fiches techniques de composants électroniques |
|
SFT-20-B-R35-EPB Fiches technique(PDF) 18 Page - Luminus, Inc |
|
|
|||||||||||||||||||||||||||||
SFT-20-B-R35-EPB Fiches technique(HTML) 18 Page - Luminus, Inc |
|
18 / 19 page ![]() 18 PDS-002824 Rev 05© 2017 Luminus Devices, Inc. - All Rights Reserved Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com 1145 Sonora Ct. • Sunnyvale, CA 94086 SFT-20 Product Datasheet REEL PACKAGING Label Fields: • CPN: Customer orderable Part Number (as defined on P3) • MPN: Manufacturer Part Number (Internal Luminus use) • QTY: Quantity of Devices • Bin/Flux: Flux Bin • Bin/Voltage: Vf Bin (Internal Luminus use) • Bin/Color: Color or Wavelength • MFG INFO: Luminus Internal Use Confidential © 2013 Luminus Devices, Inc. All rights reserved. 4 HUMIDITY CARD The Humidity Indicator is included within each Anti-static bag. If Humidity indicator is triggered replace desiccant and/ or pre-bake prior to system assembly. LDI recommends all SFT-series LED are stored “SEALED” until time of use. See Application Note. LABEL |