Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8085172 Fiches technique(PDF) 2 Page - Festo Corporation.

No de pièce 8085172
Description  Mini slide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FESTO [Festo Corporation.]
Site Internet  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8085172 Fiches technique(HTML) 2 Page - Festo Corporation.

  8085172 Datasheet HTML 1Page - Festo Corporation. 8085172 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Product weight
595 g
Type of mounting
With through-hole
Pneumatic connection
M5
Note on materials
RoHS-compliant
Free of copper and PTFE
Cover material
Wrought aluminum alloy
Seals material
HNBR
Housing material
Wrought aluminum alloy
Piston rod material
High-alloy stainless steel
9/15/20 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2