Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9182 Fiches technique(PDF) 2 Page - B&K Precision Corporation

No de pièce 9182
Description  Programmable Dual-Range DC Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BK [B&K Precision Corporation]
Site Internet  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9182 Fiches technique(HTML) 2 Page - B&K Precision Corporation

  9182 Datasheet HTML 1Page - B&K Precision Corporation 9182 Datasheet HTML 2Page - B&K Precision Corporation 9182 Datasheet HTML 3Page - B&K Precision Corporation 9182 Datasheet HTML 4Page - B&K Precision Corporation 9182 Datasheet HTML 5Page - B&K Precision Corporation 9182 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.bkprecision.com
Programmable Dual-Range DC Power Supplies
9170 & 9180 series
2
Bright display showing
both measured output
value and set value
Vertical and horizantal cursors
make studying UUT response
to small voltage or current
changes easy
Direct-entry numeric keypad
to set precise voltage and
current values
Front panel remote sense terminal
(all single channel models except 9184 and 9185)
High voltage models come with special binding posts
engineered for maximum safety
Individual output on/off buttons
for each output channel
Dedicated indicators for
important safety functions
Front panel
Rear panel
Standard
USB interface
Intelligent temperature-controlled,
low noise cooling fan
Rear panel output
and remote sense
terminals
Modular interface card slots
Only buy what you need, when you need it. Pick and
choose from up to 4 different types of interface cards
to install at time of purchase or upgrade later.
Interface card options include: LAN and GPIB,
Digital I/O and Analog Control, RS485, or RS232.
Installation is quick and easy and does not require
opening the instrument case (does not void warranty).
Dual channel models
High voltage models



Html Pages

1 2 3 4 5 6