| Moteur de recherche de fiches techniques de composants électroniques |
|
ASM3P623S00AG-08-SR Fiches technique(PDF) 15 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM3P623S00AG-08-SR Fiches technique(HTML) 15 Page - Alliance Semiconductor Corporation |
|
15 / 16 page ![]() July 2005 ASM3P623S00A/B/C/D/E/F rev 1.0 Zero Cycle Slip Peak EMI Reduction IC 15 of 16 Notice: The information in this document is subject to change without notice. Ordering Codes (cont’d) Ordering Code Marking Package Type Operating Range ASM3I623S00BG-08-SR 3I623S00BG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3I623S00CG-08-SR 3I623S00CG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S00AG-08-TT 3P623S00AG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3P623S00BG-08-TT 3P623S00BG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3P623S00CG-08-TT 3P623S00CG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S00AG-08-TT 3I623S00AG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3I623S00BG-08-TT 3I623S00BG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3I623S00CG-08-TT 3I623S00BG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S00AG-08-TR 3P623S00AG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3P623S00BG-08-TR 3P623S00BG 8- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3P623S00CG-08-TR 3P623S00CG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S00AG-08-TR 3I623S00AG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3I623S00BG-08-TR 3I623S00BG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3I623S00CG-08-TR 3I623S00CG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial Device Ordering Information ASM3P623S00AF-08-TR Licensed under US patent #5,488,627, #6,646,463 and #5,631,920. O = SOT U = MSOP S = SOIC E = TQFP T = TSSOP L = LQFP A = SSOP U = MSOP V = TVSOP P = PDIP B = BGA D = QSOP Q = QFN X = SC-70 DEVICE PIN COUNT X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 6 = Power Management 2 = Non PLL based 7 = Power Management 3 = EMI Reduction 8 = Power Management 4 = DDR support products 9 = Hi Performance 5 = STD Zero Delay Buffer 0 = Reserved ALLIANCE SEMICONDUCTOR MIXED SIGNAL PRODUCT PART NUMBER F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE R = Tape & reel, T = Tube or Tray |