Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM3P2879AF-06OR Fiches technique(PDF) 2 Page - Alliance Semiconductor Corporation

No de pièce ASM3P2879AF-06OR
Description  Low Power Peak Reducing EMI Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2879AF-06OR Fiches technique(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3P2879AF-06OR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2879AF-06OR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2879AF-06OR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2879AF-06OR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2879AF-06OR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2879AF-06OR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2879AF-06OR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2879AF-06OR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2879AF-06OR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
September 2005
ASM3P2879A
rev 1.4
Low Power Peak EMI Reducing Solution
2 of 12
Notice: The information in this document is subject to change without notice.
XIN/CLKIN
VDD
ModOUT
XOUT
1
2
3
4
5
6
ASM3P2879A
REFOUT
VSS
Pin Configuration (6-pin TSOT-23 Package)
Pin#
Pin Name
Type
Description
1
REFOUT
O
Buffered output of the input frequency.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
XIN/CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or an external reference clock.
4
VDD
P
Power supply for the entire chip (3.3V)
5
ModOUT
O
Spread spectrum clock output.
6
VSS
P
Ground connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12