Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM705ESAF-T Fiches technique(PDF) 11 Page - Alliance Semiconductor Corporation

No de pièce ASM705ESAF-T
Description  Low Power uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM705ESAF-T Fiches technique(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM705ESAF-T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM705ESAF-T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM705ESAF-T Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM705ESAF-T Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM705ESAF-T Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM705ESAF-T Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM705ESAF-T Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM705ESAF-T Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM705ESAF-T Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ASM705 / 706 / 707 / 708
11 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM813L
rev 1.5
February 2005
Package Dimensions (contd)
Plastic DIP (8-Pin)
Symbol
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.210
5.33
A1
0.015
0.38
A2
0.115
0.195
2.92
4.95
b
0.014
0.022
0.36
0.56
b2
0.045
0.070
1.14
1.78
C
0.008
0.014
0.20
0.36
D
0.355
0.400
9.02
10.16
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.10 BSC
2.54 BSC
eB
0.430
10.92
L
0.115
0.150
2.92
3.81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16