| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F723VCY7TR Fiches technique(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F723VCY7TR Fiches technique(HTML) 72 Page - STMicroelectronics |
|
72 / 229 page ![]() - - - M13 86 - - M13 - - 86 PH9 I/O FT - I2C3_SMBA, TIM12_CH2, FMC_D17, EVENTOUT - - - - L13 87 - - L13 - - 87 PH10 I/O FT - TIM5_CH1, FMC_D18, EVENTOUT - - - - L12 88 - - L12 - - 88 PH11 I/O FT - TIM5_CH2, FMC_D19, EVENTOUT - - - - K12 89 - - K12 - - 89 PH12 I/O FT - TIM5_CH3, FMC_D20, EVENTOUT - - - - H12 90 - - H12 - - 90 VSS S - - - - - - - J12 91 - K2 J12 - - 91 VDD S - - - - 33 51 73 P12 92 51 J2 P12 M11 73 92 PB12 I/O FT (4) TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, USART3_CK, OTG_HS_ULPI_D5, OTG_HS_ID, EVENTOUT - 34 52 74 P13 93 52 H2 P13 M12 74 93 PB13 I/O FT (4) TIM1_CH1N, SPI2_SCK/I2S2_CK, USART3_CTS, OTG_HS_ULPI_D6, EVENTOUT OTG_HS_VBUS - - - - - 53 G2 J15 H11 75 94 OTG_HS_REXT - - - USB HS OTG PHY calibration resistor - - - - - 54 - - - - - VDDPHYHS - - - - - - - - - - 55 G1 J14 H10 76 95 VDD12OTGHS - - - - - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |